Part Number Hot Search : 
PDMB600 B105J MB39A112 TC642 ATION D5000 4VHC2 1206L
Product Description
Full Text Search
 

To Download PG57SW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IFT COILS < Pin Type: PG Series>
Type: PG57/FM , PG57/AM, PG57/SW , PG57/MW
*Y
Product Description
*E 6.1A 6.1mm Max.(LA W), 8.0mm Max. Height. *E Inductance:1~820H. *E Operating frequency:20MHz Max. *E In addition to the reference versions of parameters shown here, custom designs are available to meet your exact requirements.
*Y
Feature
*E Variable shielded type. *E FM,AM,SW,MW types are available *E RoHS Compliance
*Y
Dimensions (mm)
2 . 8 * } 0 .3 6.0
0 .8 * } 0 .1 +0.1 O0.4-0.05
*}0.3 M A X . 8 .0 2.8
3 .5 * } 0 . 2 5 .8 * } 0 . 3
*- *- *- *Y
Dimension does not include solder used on coil. Pin pitch should be measured at the root of terminal. Dimensions without tolerance are approx.
Connection (Bottom View)
S A S @
PG57/FM "S" is winding start.
B
S
A
CB
S
S S A
C
B
S
3.5 *}0.2
5. 8 * } 0 . 3
A
C
B
E
S @
PG57/AM
E @
E
PG57/SW
S @
PG57/MW
E
Please refer to the sales offices on our website for a representative near you www.sumida.com
1/1
IFT COILS < Pin Type: PG Series>
Type: PG57/FM , PG57/AM, PG57/SW , PG57/MW
*Y
Specification (PG57/FM)
Item Frequency Unloaded Qu Capacity (Int.)
(Part No. : 3151-T028)
(1*| 10.7MHz*} 2*" 3) Variable 10.7 MHz
Measuring Condition
45 Min 56pF*} 10*"
Ext stray capacity 3pF between (1-3) at measuring.
*Y
Specification (PG57/AM)
Item Frequency Unloaded Qu Capacity (Int.)
(Part No. : 3150-T043)
(1*| 3)
Measuring Condition
450kHz 2% Variable 30 Min. 180pF*} 10*" 450kHz
*Y
Specification (PG57/SW)
Item Using frequency Inductance Unloaded Qu
(Part No.: 3153-T013)
(1*| 3)
Measuring Condition
10MHz 10Eg*} 4*" Variable 7.96MHz 7.96 MHz
50 Min
*Y
Specification (PG57/MW)
Item Inductance Unloaded Qu
(Part No. : 3152-T023)
(1*| 660Eg*} 5*" 3) Variable
Measuring Condition
796kHz 796kHz
65 Min
Please refer to the sales offices on our website for a representative near you www.sumida.com
2/2


▲Up To Search▲   

 
Price & Availability of PG57SW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X